Part Number Hot Search : 
LB111 MMST5401 DMD5603 2SC3052 DG408 75M50 91SAM BAR7508S
Product Description
Full Text Search
 

To Download EIC1414-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIC1414-8
ISSUED 6/30/2006
14.0-14.5 GHz 8-Watt Internally Matched Power FET
FEATURES
* * * * * * 14.0- 14.5GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +39.0 dBm Output Power at 1dB Compression 5.0 dB Power Gain at 1dB Compression 24% Power Added Efficiency Hermetic Metal Flange Package
.060 MIN.
Excelics
EIC1414-8
.060 MIN.
.650.008 .512
GATE
.319
DRAIN
.022
.094 .382 .004 .129
.045
.070 .008
ALL DIMENSIONS IN INCHES
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G PAE Id1dB IDSS VP RTH PARAMETERS/TEST CONDITIONS1
Output Power at 1dB Compression f = 14.0-14.5GHz VDS = 10 V, IDSQ 2200mA Gain at 1dB Compression f = 14.0-14.5GHz VDS = 10 V, IDSQ 2200mA Gain Flatness f = 14.0-14.5GHz VDS = 10 V, IDSQ 2200mA Power Added Efficiency at 1dB Compression VDS = 10 V, IDSQ 2200mA f = 14.0-14.5GHz Drain Current at 1dB Compression Saturated Drain Current Pinch-off Voltage Thermal Resistance3
2) S.C.L. = Single Carrier Level.
Caution! ESD sensitive device. MIN
38.5 4.0
TYP
39.0 5.0
MAX
UNITS
dBm dB
0.6 24 2300 4000 -2.5 3.5 2600 5000 -4.0 4.0
o
dB % mA mA V C/W
f = 14.0-14.5GHz
VDS = 3 V, VGS = 0 V VDS = 3 V, IDS = 40 mA
Note: 1) Tested with 100 Ohm gate resistor.
3) Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING1,2
SYMBOLS PARAMETERS Drain-Source Voltage Gate-Source Voltage Forward Gate Current Reverse Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE1 15 -5 86.4mA -14.4mA 38.5dBm
o 175 C o -65 to +175 C
CONTINUOUS2 10V -4V 28.8mA -4.8mA @ 3dB Compression 175 oC -65 to +175 oC 38W
Vds Vgs Igsf Igsr Pin Tch Tstg Pt
38W
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 1 of 1 Revised June 2006


▲Up To Search▲   

 
Price & Availability of EIC1414-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X